Part Number Hot Search : 
WM819 23000 BRF10 LB1636M SPC5606 12812 15ETH06S MAX9686
Product Description
Full Text Search
 

To Download BAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148WS / BAV16WS
SURFACE MOUNT FAST SWITCHING DIODE Features
* * * * * * * * * * * * Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
H G A B C E D
SOD-323 Dim A
J
Min 2.30 1.60 1.20 0.25 0.20 0.10 0
Max 2.70 1.80 1.40 0.35 0.40 0.15 8
Mechanical Data
Case: SOD-323, Plastic Plastic Material - UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020A Polarity: Cathode Band Terminals: Solderable per MIL-STD-202, Method 208 Marking: T4, T6 Weight: 0.004 grams (approx.) Ordering Information: See Page 2
B C D
1.05 Typical
a
E G H J a
0.05 Typical
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 75 53 300 150 2.0 1.0 200 625 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage Forward Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 75 3/4 Max 3/4 0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 Unit V V mA mA mA nA pF ns Test Condition IR = 1.0mA IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Peak Reverse Current (Note 2) Total Capacitance Reverse Recovery Time Note:
IRM CT trr
3/4 3/4 3/4
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30097 Rev. 4 - 2
1 of 2
1N4148WS / BAV16WS
IF, INSTANTANEOUS FORWARD CURRENT (mA)
300
1000
PD, POWER DISSIPATION (mW)
100
200
10
100
1.0
0.1
0 0 25
50
75
100
125
150
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Forward Characteristics
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
10,000
IR, LEAKAGE CURRENT (nA)
1000
100
10
VR = 20V
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 3 Leakage Current vs Junction Temperature
Ordering Information
Device
(Note 1) Packaging SOD-323 Shipping 3000/Tape & Reel
1N4148WS-7/BAV16WS-7 Notes:
1. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
DS30097 Rev. 4 - 2
XX = Product Type Marking Code See Page 1
2 of 2
1N4148WS / BAV16WS


▲Up To Search▲   

 
Price & Availability of BAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X